Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9179 Datasheet (PDF) - Richtek Technology Corporation

RT9179 Datasheet PDF - Richtek Technology Corporation
Part # RT9179
Download  RT9179 Download
File Size   163.7 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Adjustable, 300mA LDO Regulator with Enable

RT9179 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9179 Datasheet PDF - Richtek Technology Corporation

Part # RT9179
Download  RT9179 Click to download

File Size   163.7 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Adjustable, 300mA LDO Regulator with Enable

RT9179 Datasheet (HTML) - Richtek Technology Corporation


RT9179 Product details

General Description

The RT9179 is a high performance linear voltage regulator with enable high function and adjustable output with a 1.175V reference voltage. It operates from an input of 3V to 5.5V and provides output current up to 300mA with two external resistors to set the output voltage ranges from 1.175V to 4.5V.



Features

• 300mV Dropout @ 300mA

• 150μA Low Ground Pin Current

• Excellent Line and Load Regulation

• <1μA Standby Current in Shutdown Mode

• Guaranteed 300mA Output Current

• Stable with 1μF Input and Output Ceramic Capacitor

• Adjustable Output Voltage Ranges from 1.175V to 4.5V

• Over-Temperature/Over-Current Protection

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Battery-Powered Equipment

• Graphic Card

• Peripheral Cards

• PCMCIA Card



 




Similar Part No. - RT9179

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
RT9179AGS RICHTEK-RT9179AGS Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
RT9179APS RICHTEK-RT9179APS Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
RT9179GB RICHTEK-RT9179GB Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
More results


Similar Description - RT9179

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
logo
YOBON TECHNOLOGIES,INC.
YB1211 YOBON-YB1211 Datasheet
413Kb / 9P
300mA External Adjustable LDO Regulator
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com