Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9179A Datasheet (PDF) - Richtek Technology Corporation

RT9179A Datasheet PDF - Richtek Technology Corporation
Part # RT9179A
Download  RT9179A Download
File Size   267.02 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Adjustable, 500mA LDO Regulator with Enable

RT9179A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9179A Datasheet PDF - Richtek Technology Corporation

Part # RT9179A
Download  RT9179A Click to download

File Size   267.02 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Adjustable, 500mA LDO Regulator with Enable

RT9179A Datasheet (HTML) - Richtek Technology Corporation


RT9179A Product details

General Description
The RT9179A is a high performance linear voltage regulator with enable high function and adjustable output with a 1.175V reference voltage. It operates from an input of 3V to 5.5V and provides output current up to 500mA with two external resistors to set the output voltage ranges from 1.175V to 4.5V.

Features
● 400mV Dropout @ 500mA
● 150μA Low Quiescent Current
● Excellent Line and Load Regulation
● <1μA Standby Current in Shutdown Mode
● Guaranteed 500mA Output Current
● Adjustable Output Voltage Ranges from 1.175V to 4.5V
● Over-Temperature/Over-Current Protection
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Battery-Powered Equipments
● Graphic Card
● Peripheral Cards
● PCMCIA Card




Similar Part No. - RT9179A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179GB RICHTEK-RT9179GB Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179GB RICHTEK-RT9179GB Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179PB RICHTEK-RT9179PB Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
More results


Similar Description - RT9179A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com