Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5231 Datasheet (PDF) - Micrel Semiconductor

MIC5231 Datasheet PDF - Micrel Semiconductor
Part # MIC5231
Download  MIC5231 Download
File Size   71.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micropower 關Cap LDO Regulator Preliminary Information

MIC5231 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5231 Datasheet PDF - Micrel Semiconductor

Part # MIC5231
Download  MIC5231 Click to download

File Size   71.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micropower 關Cap LDO Regulator Preliminary Information

MIC5231 Datasheet (HTML) - Micrel Semiconductor


MIC5231 Product details

General Description
The MIC5231 µCap low dropout voltage regulator is intended for low output current biasing applications. It features extremely low ground current, not greater than 4µA under all load and temperature conditions, making it efficient and ideal for keep-alive applications in devices such as notebook computers.
The MIC5231 offers better than 2% initial accuracy and low dropout (typically 150mV at 10mA output current). An output capacitor is not required for stable operation, decreasing cost and board space. Tiny ceramic chip capacitors may be used to improve transient response.
The MIC5231 also features a control pin which allows the regulator to be shut down when not required. Its shutdown state draws zero current, benefiting battery-powered applications.
The MIC5231 is available in fixed output voltages of 2.75V,
3.0V, 3.3V and 5V in the small SOT-23-5 IttyBitty® package. Contact Micrel for other voltage options. Data sheets and support documentation can be found on Micrel’s web site at: www.micrel.com.

Features
• Extremely low quiescent current—only 0.65µA
• No output capacitor requirement
• Stable with ceramic or tantalum capacitors
• IttyBitty® SOT-23-5 surface-mount package
• 10mA output drive
• Low 150mV at 10mA dropout voltage
• Tight load and line regulation
• Low temperature coefficient
• Logic-level enable input

Applications
• Real-time clocks
• SRAM backup
• Cellular telephones
• Laptop, notebook and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post-regulator and DC-to-DC modules
__________________________________________________




Similar Part No. - MIC5231

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231-2.75BM5 MICREL-MIC5231-2.75BM5 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5231-2.75YM5 MICREL-MIC5231-2.75YM5 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5231-3.0BM5 MICREL-MIC5231-3.0BM5 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5231-3.0YM5 MICREL-MIC5231-3.0YM5 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5231-3.3BM5 MICREL-MIC5231-3.3BM5 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
More results


Similar Description - MIC5231

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com