Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5250 Datasheet (PDF) - Micrel Semiconductor

MIC5250 Datasheet PDF - Micrel Semiconductor
Part # MIC5250
Download  MIC5250 Download
File Size   168.49 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information

MIC5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5250 Datasheet PDF - Micrel Semiconductor

Part # MIC5250
Download  MIC5250 Click to download

File Size   168.49 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information

MIC5250 Datasheet (HTML) - Micrel Semiconductor


MIC5250 Product details

General Description

The MIC5250 is an efficient, precise dual CMOS voltage regulator optimized for ultra-low-noise applications. The MIC5250 offers better than 1% initial accuracy, extremely low dropout voltage (typically 150mV at 150mA) and constant ground current over load (typically 100µA). The MIC5250 provides a very-low-noise output, ideal for RF applications where quiet voltage sources are required. A noise bypass pin is also available for further reduction of output noise.

Designed specifically for hand-held and battery-powered devices, the MIC5250 provides TTL logic compatible enable pins. When disabled, power consumption drops nearly to zero.

The MIC5250 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in hand-held wireless devices.



Features

• Ultralow dropout—100mV @ 100mA

• Ultralow noise—30µV(rms)

• Stability with ceramic, tantalum, or aluminum electrolytic capacitors

• Load independent, ultralow ground current

• 150mA output current

• Current limiting

• Thermal Shutdown

• Tight load and line regulation

• “Zero” off-mode current

• Fast transient response

• TTL-Logic-controlled enable input



Applications

• Cellular phones and pagers

• Cellular accessories

• Battery-powered equipment

• Laptop, notebook, and palmtop computers

• PCMCIA VCC and VPP regulation/switching

• Consumer/personal electronics

• SMPS post-regulator/dc-to-dc modules

• High-efficiency linear power supplies



 




Similar Part No. - MIC5250

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5250 MICREL-MIC5250 Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5250-2.7BMM MICREL-MIC5250-2.7BMM Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5250-2.8BMM MICREL-MIC5250-2.8BMM Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5250-3.0BMM MICREL-MIC5250-3.0BMM Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5250-3.3BMM MICREL-MIC5250-3.3BMM Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
More results


Similar Description - MIC5250

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
150mA 關Cap CMOS LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
150mA 關Cap CMOS LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com