Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5247 Datasheet (PDF) - Micrel Semiconductor

MIC5247 Datasheet PDF - Micrel Semiconductor
Part # MIC5247
Download  MIC5247 Download
File Size   89.07 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Voltage 關Cap Linear Regulator Preliminary Information

MIC5247 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5247 Datasheet PDF - Micrel Semiconductor

Part # MIC5247
Download  MIC5247 Click to download

File Size   89.07 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Voltage 關Cap Linear Regulator Preliminary Information

MIC5247 Datasheet (HTML) - Micrel Semiconductor


MIC5247 Product details

General Description
The MIC5247 is an efficient and precise, low-voltage CMOS voltage regulator optimized for ultra-low noise applications. The MIC5247 offers better than 1% initial accuracy and 85µA constant ground current over load (typically 85µA). The MIC5247 provides a very low-noise output, ideal for RF applications where quiet voltage sources are required. A noise bypass pin is also available for further reduction of output noise.

Features
• Ultra-low noise
• Low-voltage outputs
• Load independent, ultra-low ground current: 85µA
• 150mA output current
• Current limiting
• Thermal shutdown
• Tight load and line regulation
• “Zero” off-mode current
• Stability with low-ESR capacitors
• Fast transient response
• Logic-controlled enable input

Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/DC-to-DC modules
• High-efficiency linear power supplies




Similar Part No. - MIC5247

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247-1.5BM5 MICREL-MIC5247-1.5BM5 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5BML MICREL-MIC5247-1.5BML Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5YM5 MICREL-MIC5247-1.5YM5 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5YML MICREL-MIC5247-1.5YML Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.6BM5 MICREL-MIC5247-1.6BM5 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
More results


Similar Description - MIC5247

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
150mA 關Cap LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com