Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2940A Datasheet (PDF) - Micrel Semiconductor

MIC2940A Datasheet PDF - Micrel Semiconductor
Part # MIC2940A
Download  MIC2940A Download
File Size   121.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.25A Low-Dropout Voltage Regulator Preliminary Information

MIC2940A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2940A Datasheet PDF - Micrel Semiconductor

Part # MIC2940A
Download  MIC2940A Click to download

File Size   121.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.25A Low-Dropout Voltage Regulator Preliminary Information

MIC2940A Datasheet (HTML) - Micrel Semiconductor


MIC2940A Product details

General Description
The MIC2940A and MIC2941A are “bulletproof” efficient voltage regulators with very low dropout voltage (typically 40mV at light loads and 350mV at 1A), and low quiescent current (240µA typical). The quiescent current of the MIC2940A increases only slightly in dropout, thus prolonging battery life. Key MIC2940A features include protection against reversed battery, fold-back current limiting, and automotive “load dump” protection (60V positive transient).
The MIC2940 is available in both fixed voltage (3.3V, 5V, and 12V) and adjustable voltage configurations. The MIC2940A-xx devices are three pin, fixed voltage regulators. A logic-compatible shutdown input is provided on the adjustable MIC2941A, which enables the regulator to be switched on and off.
Data sheets and support documentation can be found on Micrel’s web site at: www.micrel.com.

Features
• High output voltage accuracy
• Guaranteed 1.25A output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Input can withstand –20V reverse battery and +60V positive transients
• Logic-controlled electronic shutdown
• Output programmable from 1.24V to 26V(MIC2941A)
• Available in TO-220, TO-263, TO-220-5, and TO-263-5 packages.

Applications
• Battery powered equipment
• Cellular telephones
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching
• Bar code scanners
• Automotive electronics
• SMPS post-regulator/ DC-to-DC modules
• Voltage reference
• High efficiency linear power supplies




Similar Part No. - MIC2940A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
1.25A Low Dropout Voltage Regulator
09/14/21
logo
Micrel Semiconductor
MIC2940A-12BT MICREL-MIC2940A-12BT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
MIC2940A-12BU MICREL-MIC2940A-12BU Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
MIC2940A-12WT MICREL-MIC2940A-12WT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
More results


Similar Description - MIC2940A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
MIC39500 MICREL-MIC39500 Datasheet
93Kb / 8P
5A Low-Voltage Low-Dropout Regulator Advance Information
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
1.25A Low Dropout Voltage Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com