Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172 Datasheet (PDF) - Micrel Semiconductor

MIC2172 Datasheet PDF - Micrel Semiconductor
Part # MIC2172
Download  MIC2172 Download
File Size   129.64 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 1.25A Switching Regulators Preliminary Information

MIC2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2172 Datasheet PDF - Micrel Semiconductor

Part # MIC2172
Download  MIC2172 Click to download

File Size   129.64 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 1.25A Switching Regulators Preliminary Information

MIC2172 Datasheet (HTML) - Micrel Semiconductor


MIC2172 Product details

General Description

The MIC2172 and MIC3172 are complete 100kHz SMPS current-mode controllers with internal 65V 1.25A power switches. The MIC2172 features external frequency synchronization or frequency adjustment, while the MIC3172 features an enable/shutdown control input.

Although primarily intended for voltage step-up applications, the floating switch architecture of the MIC2172/3172 makes it practical for step-down, inverting, and Cuk configurations as well as isolated topologies.



Features

• 1.25A, 65V internal switch rating

• 3V to 40V input voltage range

• Current-mode operation

• Internal cycle-by-cycle current limit

• Thermal shutdown

• Low external parts count

• Operates in most switching topologies

• 7mA quiescent current (operating)

• <1µA quiescent current, shutdown mode (MIC3172)

• TTL shutdown compatibility (MIC3172)

• External frequency synchronization (MIC2172)

• External frequency trim (MIC2172)

• Fits most LT1172 sockets (see applications info)



Applications

• Laptop/palmtop computers

• Toys

• Hand-held instruments

• Off-line converter up to 50W (requires external power switch)

• Predriver for higher power capability

• Master/slave configurations (MIC2172)




Similar Part No. - MIC2172

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172 MICREL-MIC2172 Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
MIC2172BM MICREL-MIC2172BM Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172BM MICREL-MIC2172BM Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
MIC2172BN MICREL-MIC2172BN Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
More results


Similar Description - MIC2172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
100kHz 2.5A Switching Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172 MICREL-MIC2172_06 Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com