Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2172/3172
Micrel
4-14
1997
Ordering Information
Part Number
Temperature Range
Package
MIC2172BN
–40
°C to +85°C
8-pin plastic DIP
MIC2172BM
–40
°C to +85°C
8-lead SOIC
MIC3172BN
–40
°C to +85°C
8-pin plastic DIP
MIC3172BM
–40
°C to +85°C
8-lead SOIC
8-lead SOIC (M)
8-lead DIP (N)
1
2
3
4
S GND
COMP
P GND 1
FB
*SYNC/†EN
VSW
VIN
P GND 2
8
7
6
5
MIC2172*/3172†
Pin Configuration
1
2
3
4
S GND
COMP
P GND 1
FB
*SYNC/†EN
VSW
VIN
P GND 2
8
7
6
5
MIC2172*/3172†
Pin Description
Pin Number
Pin Name
Pin Function
1
S GND
Signal Ground: Internal analog circuit ground. Connect directly to the input
filter capacitor for proper operation (see applications info). Keep separate
from power grounds.
2
COMP
Frequency Compensation: Output of transconductance type error amplifier.
Primary function is for loop stabilization. Can also be used for output voltage
soft-start and current limit tailoring.
3
FB
Feedback: Inverting input of error amplifier. Connect to external resistive
divider to set power supply output voltage.
4 (MIC2172)
SYNC
Synchronization/Frequency Adjust: Capacitively coupled input signal greater
than device’s free running frequency (up to 135kHz) will lock device’s
oscillator on falling edge. Oscillator frequency can be trimmed up to 135kHz
by adding a resistor to ground. If unused, pin must float (no connection).
4 (MIC3172)
EN
Enable: Apply TTL high or connect to V
IN to enable the regulator. Apply
TTL low or connect to ground to disable the regulator. Device draws only
leakage current (<1
µA) when disabled.
5V
IN
Supply Voltage: 3.0V to 40V
6
P GND 2
Power Ground #2: One of two NPN power switch emitters with 0.3
Ω current
sense resistor in series. Required. Connect to external inductor or input
voltage ground depending on circuit topology.
7V
SW
Power Switch Collector: Collector of NPN switch. Connect to external
inductor or input voltage depending on circuit topology.
8
P GND 1
Power Ground #1: One of two NPN power switch emitters with 0.3
Ω current
sense resistor in series. Optional. For maximum power capability connect
to P GND 2. Floating pin reduces current limit by a factor of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com