Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2172/3172
Micrel
4-16
1997
Parameter
Conditions
Min
Typ
Max
Units
Oscillator Section
Frequency (f
O)
88
100
112
kHz
85
115
kHz
Duty Cycle [
δ(max)]
80
89
95
%
Sync Coupling Capacitor
V
PP = 3.0V
22
51
120
pF
Required for Frequency Lock
V
PP = 40V
2.2
4.7
10
pF
Peak-to-Peak Voltage
C
COUPLING = 12pF
2.2
12
30
V
Required for Frequency Lock
Input Supply Voltage Section
Minimum Operating Voltage
2.7
3.0
V
Quiescent Current (I
Q)
3V
≤ V
IN ≤ 40V, VCOMP = 0.6V, ISW = 0
7
9
mA
Supply Current Increase (
∆I
IN)
∆I
SW = 1A, VCOMP = 1.5V
9
20
mA
Bold type denotes specifications applicable to the full operating temperature range.
Note 1
Devices are ESD sensitive. Handling precautions required.
Note 2
For duty cycles (
δ) between 50% and 95%, minimum guaranteed switch current is given by I
CL = 0.833 (2-δ) for the MIC3172.
Absolute Maximum Ratings MIC3172
Input Voltage ................................................................. 40V
Switch Voltage .............................................................. 65V
Enable Voltage .............................................................. 40V
Feedback Voltage (Transient, 1ms) ...........................
±15V
Operating Temperature Range
8-pin PDIP ................................................. –40 to +85
°C
8-pin SOIC ................................................ –40 to +85
°C
8-pin CerDIP ........................................... –55 to +125
°C
Junction Temperature ................................ –55
°C to 150°C
Thermal Resistance
θ
JA 8-pin PDIP ................................................. 130°C/W
θ
JA 8-pin SOIC ................................................. 120°C/W
θ
JA 8-pin CerDIP .............................................. 100°C/W
Storage Temperature ................................. –65
°C to 150°C
Soldering (10 sec.) .................................................... 300
°C
Electrical Characteristics MIC3172 Note 1. Unless otherwise specified, V
IN = 5V.
Parameter
Conditions
Min
Typ
Max
Units
Reference Section
Pin 2 tied to pin 3
Feedback Voltage (V
FB)
1.224
1.240
1.264
V
1.214
1.274
V
Feedback Voltage
3V
≤ V
IN ≤ 40V
0.07
%/V
Line Regulation
Feedback Bias Current (I
FB)
310
750
nA
1100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com