Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5270 Datasheet (PDF) - Micrel Semiconductor

MIC5270 Datasheet PDF - Micrel Semiconductor
Part # MIC5270
Download  MIC5270 Download
File Size   42.04 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??Negative Low-Dropout Regulator Preliminary Information

MIC5270 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5270 Datasheet PDF - Micrel Semiconductor

Part # MIC5270
Download  MIC5270 Click to download

File Size   42.04 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??Negative Low-Dropout Regulator Preliminary Information

MIC5270 Datasheet (HTML) - Micrel Semiconductor


MIC5270 Product details

General Description
The MIC5270 is a µCap 100mA negative regulator in a SOT-23-5 package. With better than 2% initial accuracy,  this regulator provides a very accurate supply voltage for applications that require a negative rail. The MIC5270 sinks 100mA of output current at very low dropout voltage (600mV maxi mum at 100mA of output current).

Features
• Stable with ceramic or tantalum capacitor
• Low dropout voltage: 500mV @ 100mA
• Low ground current: 35µA @ load = 100µA
• Tight initial accuracy: ±2%
• Tight load and line regulation
• Thermal shutdown
• Current limiting
• IttyBitty® SOT-23-5 packaging

Applications
• GaAsFET bias
• Portable cameras and video recorders
• PDAs
• Battery-powered equipment




Similar Part No. - MIC5270

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5270-3.0BM5 MICREL-MIC5270-3.0BM5 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5270-3.0YM5 MICREL-MIC5270-3.0YM5 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5270-4.1BM5 MICREL-MIC5270-4.1BM5 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5270-4.1YM5 MICREL-MIC5270-4.1YM5 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5270-5.0BM5 MICREL-MIC5270-5.0BM5 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
More results


Similar Description - MIC5270

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
IttyBitty??Integrated High-Side Switch Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6251 MICREL-MIC6251 Datasheet
118Kb / 8P
IttyBitty??GainBlock??Amplifiers Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com