Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5202 Datasheet (PDF) - Micrel Semiconductor

MIC5202 Datasheet PDF - Micrel Semiconductor
Part # MIC5202
Download  MIC5202 Download
File Size   85.54 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 100mA Low-Dropout Voltage Regulator Preliminary Information

MIC5202 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5202 Datasheet PDF - Micrel Semiconductor

Part # MIC5202
Download  MIC5202 Click to download

File Size   85.54 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 100mA Low-Dropout Voltage Regulator Preliminary Information

MIC5202 Datasheet (HTML) - Micrel Semiconductor


MIC5202 Product details

General Description

The MIC5202 is a family of dual linear voltage regulators with very low dropout voltage (typically 17mV at light loads and 210mV at 100mA), and very low ground current (1mA at 100mA output–each section), offering better than 1% initial accuracy with a logic compatible ON/OFF switching input. Designed especially for hand-held battery powered devices, the MIC5202 is switched by a CMOS or TTL compatible logic signal. This ENABLE control my be tied directly to VIN if un needed. When disabled, power consumption drops nearly

to zero. The ground current of the MIC5202 increases only slightly in dropout, further prolonging battery life. Key MIC5202 features include protection against reversed battery, current limiting, and over-temperature shutdown.



Features

• High output voltage accuracy

• Variety of output voltages

• Guaranteed 100mA output

• Low quiescent current

• Low dropout voltage

• Extremely tight load and line regulation

• Very low temperature coeffi cient

• Current and thermal limiting

• Reverse-battery protection

• Zero OFF mode current

• Logic-controlled electronic shutdown

• Available in SO-8 package



Applications

• Cellular Telephones

• Laptop, Notebook, and Palmtop Computers

• Battery Powered Equipment

• PCMCIA VCC and VPP Regulation/Switching

• Bar Code Scanners

• SMPS Post-Regulator/ DC to DC Modules

• High Effi ciency Linear Power Supplies




Similar Part No. - MIC5202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
logo
Microchip Technology
MIC5202 MICROCHIP-MIC5202 Datasheet
535Kb / 22P
Dual 100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5202-3.0BM MICREL-MIC5202-3.0BM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results


Similar Description - MIC5202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com