Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet (PDF) - Micrel Semiconductor

MIC5237 Datasheet PDF - Micrel Semiconductor
Part # MIC5237
Download  MIC5237 Download
File Size   41.91 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA Low-Dropout Regulator Preliminary Information

MIC5237 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5237 Datasheet PDF - Micrel Semiconductor

Part # MIC5237
Download  MIC5237 Click to download

File Size   41.91 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA Low-Dropout Regulator Preliminary Information

MIC5237 Datasheet (HTML) - Micrel Semiconductor


MIC5237 Product details

General Description
The MIC5237 is a general-purpose low-dropout regulator capable of 500mA output current with better than 3% output voltage accuracy. Using Micrel’s proprietary Super ßeta PNP® process with a PNP pass element, these regulators feature less than 300mV dropout voltage and typically 8mA ground current at full load.

Features
• Guaranteed 500mA output over the full operating temperature range
• Low 300mV typical dropout voltage at full load
• Extremely tight load and line regulation
• Current and thermal limiting
• Reversed-battery protection
• TO-220 and TO-263 packages
• Low temperature coefficient
• No-load stability
• Low-noise output

Applications
• Portable and laptop computers
• Desktop computer
• Battery chargers
• SMPS post-regulator/dc-to-dc modules
• Consumer and personal electronics




Similar Part No. - MIC5237

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5237-2.5BU MICREL-MIC5237-2.5BU Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
MIC5237-2.5YU MICREL-MIC5237-2.5YU Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
logo
Microchip Technology
MIC5237-2.5YU MICROCHIP-MIC5237-2.5YU Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
MIC5237-2.5YU-TR MICROCHIP-MIC5237-2.5YU-TR Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
More results


Similar Description - MIC5237

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
500mA Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com