Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5237 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5237
Description  500mA Low-Dropout Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5237 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5237 Datasheet HTML 1Page - Micrel Semiconductor MIC5237 Datasheet HTML 2Page - Micrel Semiconductor MIC5237 Datasheet HTML 3Page - Micrel Semiconductor MIC5237 Datasheet HTML 4Page - Micrel Semiconductor MIC5237 Datasheet HTML 5Page - Micrel Semiconductor MIC5237 Datasheet HTML 6Page - Micrel Semiconductor MIC5237 Datasheet HTML 7Page - Micrel Semiconductor MIC5237 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC5237
Micrel
MIC5237
2
January 2000
Pin Description
Pin No.
Pin Name
Pin Function
1
IN
Supply Input
2, TAB
GND
Ground: TO-220 and TO-263 pin 2 and TAB are internally connected.
3
OUT
Regulator Output
Pin Configuration
3
OUT
2
GND
1IN
MIC5237-x.xBT
(TO-220-3)
3
OUT
2
GND
1IN
MIC5237-x.xBU
(TO-263-3)
Absolute Maximum Ratings
Input Voltage (V
IN) ........................................ –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Operating Ratings
Input Voltage (V
IN) ....................................... +2.5V to +16V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
TO-220 (
θ
JA) ....................................................... 55°C/W
TO-220 (
θ
JC) ......................................................... 3°C/W
TO-263 (
θ
JC) ......................................................... 3°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com