Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7211 Datasheet (PDF) - Micrel Semiconductor

MIC7211 Datasheet PDF - Micrel Semiconductor
Part # MIC7211
Download  MIC7211 Download
File Size   75.18 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??Rail-to-Rail Input Comparator Preliminary Information

MIC7211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC7211 Datasheet PDF - Micrel Semiconductor

Part # MIC7211
Download  MIC7211 Click to download

File Size   75.18 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??Rail-to-Rail Input Comparator Preliminary Information

MIC7211 Datasheet (HTML) - Micrel Semiconductor


MIC7211 Product details

General Description
The MIC7211 and MIC7221 are micropower comparators featuring rail-to-rail input performance in Micrel’s IttyBitty® SOT-23-5 package. The MIC7211/21 is ideal for systems where small size is a critical consideration.
The MIC7211/21 is optimized for single supply operation from 2.2V to 10V power supplies.

Features
• Small footprint SOT-23-5 package
• Guaranteed performance at 2.2V, 2.7V, 5V, and 10V
• 7µA typical supply current at 5V
• <5µs response time at 5V
• Push-pull output (MIC7211)
• Open-drain output (MIC7221)
• Input voltage range may exceed supply voltage by 0.3V
• >100mA typical sink or source

Applications
• Battery-powered products
• Notebook computers and PDAs
• PCMCIA cards
• Cellular and other wireless communication devices
• Alarm and security circuits
• Direct sensor interface




Similar Part No. - MIC7211

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
MIC7211BM5 MICREL-MIC7211BM5 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
MIC7211YM5 MICREL-MIC7211YM5 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
More results


Similar Description - MIC7211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Micrel Semiconductor
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6251 MICREL-MIC6251 Datasheet
118Kb / 8P
IttyBitty??GainBlock??Amplifiers Preliminary Information
MIC6270 MICREL-MIC6270 Datasheet
40Kb / 3P
IttyBitty??Comparator Advance Information
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com