Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7122 Datasheet (PDF) - Micrel Semiconductor

MIC7122 Datasheet PDF - Micrel Semiconductor
Part # MIC7122
Download  MIC7122 Download
File Size   58.82 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Rail-to-Rail Dual Op Amp Preliminary Information

MIC7122 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC7122 Datasheet PDF - Micrel Semiconductor

Part # MIC7122
Download  MIC7122 Click to download

File Size   58.82 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Rail-to-Rail Dual Op Amp Preliminary Information

MIC7122 Datasheet (HTML) - Micrel Semiconductor


MIC7122 Product details

General Description
The MIC7122 is a dual high-performance CMOS operational amplifier featuring rail-to-rail inputs and outputs.
The input common-mode range extends beyond the rails by 300mV, and the output voltage swings to within 150µV of both rails when driving a 100kΩ load.

Features
• Small footprint MSOP-8 package
• 350µA supply current per op amp at 2.2V supply
• Guaranteed 2.2V, 5V, and 15V performance
• 750kHz gain-bandwidth product at 2.2V supply
• 0.01% total harmonic distortion at 1kHz (15V, 2kΩ)
• Drives 200pF at 5V and greater supply voltages

Applications
• Battery-powered instrumentation
• PCMCIA, USB peripherals
• Portable computers and PDAs




Similar Part No. - MIC7122

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
logo
Micrel Semiconductor
MIC7122BMM MICREL-MIC7122BMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
MIC7122YMM MICREL-MIC7122YMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122YMM MICROCHIP-MIC7122YMM Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
MIC7122YMM-TR MICROCHIP-MIC7122YMM-TR Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results


Similar Description - MIC7122

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com