Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7122 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7122 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC7122 Datasheet HTML 1Page - Micrel Semiconductor MIC7122 Datasheet HTML 2Page - Micrel Semiconductor MIC7122 Datasheet HTML 3Page - Micrel Semiconductor MIC7122 Datasheet HTML 4Page - Micrel Semiconductor MIC7122 Datasheet HTML 5Page - Micrel Semiconductor MIC7122 Datasheet HTML 6Page - Micrel Semiconductor MIC7122 Datasheet HTML 7Page - Micrel Semiconductor MIC7122 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC7122
Micrel
MIC7122
2
March 1999
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................ 16.5V
Differential Input Voltage (V
IN+ – VIN–) ....................... ±10V
I/O Pin Voltage (V
IN, VOUT), Note 3
............................................. V
V+ + 0.3V to VV– – 0.3V
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 10 sec.) ..................... 260
°C
ESD, Note 6 .............................................................. 1000V
Operating Ratings (Note 2)
Supply Voltage (V
V+ – VV–) .............................. 2.2V to 15V
Junction Temperature (T
J) ......................... –40°C to +85°C
Max. Junction Temperature (T
J(max)), Note 4 ......... +125°C
Max. Power Dissipation ............................................ Note 4
Package Thermal Resistance, Note 5
MSOP-8 (
θ
JA) .................................................... 200°C/W
DC Electrical Characteristics (2.2V)
V
V+ = +2.2V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.5
9
mV
TCV
OS
Input Offset Voltage Average Drift
3.0
µV/°C
I
B
Input Bias Current
1.0
10
pA
64
500
pA
I
OS
Input Offset Current
0.5
5
pA
32
250
pA
R
IN
Input Resistance
>1
T
Ω
CMRR
Common-Mode Rejection Ratio
-0.3V
≤ V
CM ≤ 2.5V, Note 9
45
65
dB
±PSRR
Power Supply Rejection Ratio
V
V+ = VV– = 1.1V to 2.5V, VOUT = VCM = 0
60
85
dB
C
IN
Common-Mode Input Capacitance
3
pF
V
O
Output Swing
output high, R
L = 100k,
0.15
1
mV
specified as V
V+ – VOUT
1
mV
output low, R
L = 100k
0.15
1
mV
1
mV
output high, R
L = 2k
8
33
mV
specified as V
V+ – VOUT
50
mV
output low, R
L = 2k
8
33
mV
50
mV
output high, R
L = 600Ω
26
110
mV
specified as V
V+ – VOUT
165
mV
output low, R
L = 600Ω
26
110
mV
165
mV
I
SC
Output Short Circuit Current
sinking or sourcing, Note 8
20
50
mA
I
S
Supply Current
both amplifiers
0.7
1.6
mA
AC Electrical Characteristics (2.2V)
V
V+ = 2.2V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
0.7
V/
µs
GBW
Gain-Bandwidth Product
750
kHz
φ
m
Phase Margin
C
L = 0pF
80
°
C
L = 200pF
40
°
G
m
Gain Margin
10
dB
Interamplifier Isolation
Note 12
90
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com