Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7300 Datasheet (PDF) - Micrel Semiconductor

MIC7300 Datasheet PDF - Micrel Semiconductor
Part # MIC7300
Download  MIC7300 Download
File Size   114.35 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Output Drive Rail-to-Rail Op Amp Preliminary Information

MIC7300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC7300 Datasheet PDF - Micrel Semiconductor

Part # MIC7300
Download  MIC7300 Click to download

File Size   114.35 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Output Drive Rail-to-Rail Op Amp Preliminary Information

MIC7300 Datasheet (HTML) - Micrel Semiconductor


MIC7300 Product details

General Description
The MIC7300 is a high-performance CMOS operational amplifier featuring rail-to-rail input and output with strong output drive capability. It is able to source and sink in excess of 80mA into large capacitive loads.
The input common-mode range extends beyond the rails by 300mV, and the output voltage typically swings to within 150µV of both rails when driving a 100kΩ load.
The amplifier operates from 2.2V to 10V and is fully specified at 2.2V, 3V, 5V, and 10V. Gain bandwidth and slew rate are 500kHz and 0.5V/µs, respectively.
The MIC7300 is available in Micrel’s IttyBitty™ SOT-23-5 package for space-conscious circuits and in high-power MM8™ 8-lead MSOP for improved heat dissipation in higher power applications.

Features
• Small footprint SOT-23-5 and power MSOP-8 packages
• >80mA peak output sink and source with 5V supply
• Drives large capacitive loads (6000pF with 10V supply)
• Guaranteed 2.2V, 3V, 5V, and 10V performance
• 500kHz gain-bandwidth product
• 0.01% total harmonic distortion at 1kHz (10V, 2kΩ)
• 1mA typical power supply current at 5V

Applications
• Battery-powered instrumentation
• PCMCIA, USB peripherals
• Portable computers and PDAs




Similar Part No. - MIC7300

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
Micrel Semiconductor
MIC7300BM5 MICREL-MIC7300BM5 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
MIC7300BMM MICREL-MIC7300BMM Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
MIC7300YM5 MICREL-MIC7300YM5 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Microchip Technology
MIC7300YM5 MICROCHIP-MIC7300YM5 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
More results


Similar Description - MIC7300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
Maxim Integrated Produc...
MAX4369 MAXIM-MAX4369 Datasheet
327Kb / 11P
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
Rev 0; 4/02
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com