Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet (PDF) - Micrel Semiconductor

MIC7111 Datasheet PDF - Micrel Semiconductor
Part # MIC7111
Download  MIC7111 Download
File Size   73.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information

MIC7111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC7111 Datasheet PDF - Micrel Semiconductor

Part # MIC7111
Download  MIC7111 Click to download

File Size   73.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information

MIC7111 Datasheet (HTML) - Micrel Semiconductor


MIC7111 Product details

General Description
The MIC7111 is a micropower operational amplifier featuring rail-to-rail input and output performance in Micrel’s IttyBitty™ SOT-23-5 package. The MIC7111 is ideal for systems where small size is a critical consideration.
The MIC7111 is designed to operate from 1.8V to 11V power supplies.
The MIC7111 benefits small battery operated portable electronic devices where small size and the ability to place the amplifier close to the signal source are primary design concerns.
For other package options, please contact the factory.

Features
• Small footprint SOT-23-5 package
• Guaranteed performance at 1.8V, 2.7V, 5V, and 10V
• 15µA typical supply current at 1.8V
• 25kHz gain-bandwidth at 5V
• Output swing to within 1mV of rails with 1.8V supply and 100kΩ load
• Suitable for driving capacitive loads

Applications
• Wireless and cellular communications
• GaAs RF amplifier bias amplifier
• Current sensing for battery chargers
• Reference voltage buffer
• Transducer linearization and interface
• Portable computing




Similar Part No. - MIC7111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC7111 MICROCHIP-MIC7111 Datasheet
615Kb / 20P
1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC7111BM5 MICREL-MIC7111BM5 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
MIC7111YM5 MICREL-MIC7111YM5 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
logo
Microchip Technology
MIC7111YM5-TR MICROCHIP-MIC7111YM5-TR Datasheet
615Kb / 20P
1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
More results


Similar Description - MIC7111

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com