Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7111 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC7111
Description  1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7111 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC7111 Datasheet HTML 1Page - Micrel Semiconductor MIC7111 Datasheet HTML 2Page - Micrel Semiconductor MIC7111 Datasheet HTML 3Page - Micrel Semiconductor MIC7111 Datasheet HTML 4Page - Micrel Semiconductor MIC7111 Datasheet HTML 5Page - Micrel Semiconductor MIC7111 Datasheet HTML 6Page - Micrel Semiconductor MIC7111 Datasheet HTML 7Page - Micrel Semiconductor MIC7111 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
June 1998
5
MIC7111
MIC7111
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
B
Input Bias Current
110
pA
500
pA
I
OS
Input Offset Current
0.01
0.5
pA
75
pA
R
IN
Input Resistance
>10
T
Ω
+PSRR
Positive Power Supply
5V
≤ V
V+ ≤ 10V, VV– = 0V,
65
95
dB
Rejection Ratio
V
CM = VOUT = 2.5V
–PSRR
Negative Power Supply
–5V
≤ V
V– ≤ –10V, VV+ = 0V,
65
95
dB
Rejection Ratio
V
CM = VOUT = –2.5V
CMRR
Common-Mode Rejection Ratio
V
CM = –0.2V to +10.2V
60
85
dB
C
IN
Common Mode Input Capacitance
3
pF
V
OUT
Output Voltage Swing
output high, R
L = 100k,
0.45
2.5
mV
specified as V
V+ – VOUT
2.5
mV
output low, R
L = 100k
0.45
2.5
mV
2.5
mV
output high, R
L = 2k,
24
80
mV
specified as V
V+ – VOUT
120
mV
output low, R
L = 2k
24
80
mV
120
mV
I
SC
Output Short Circuit Current
sourcing, V
OUT = 0V
100
200
mA
Note 6
sinking, V
OUT = 10V
100
200
mA
A
VOL
Voltage Gain
sourcing
500
V/mV
sinking
500
V/mV
I
S
Supply Current
V
V+ = 10V, VOUT = VV+/2
25
65
µA
AC Electrical Characteristics (10V)
V+ = +10V, V– = 0V, V
CM = VOUT = VV+/2; RL = 1M; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
voltage follower, 1V step, R
L = 100k@1.35V
0.02
V/
µs
V
OUT = 1VP–P
GBW
Gain Bandwidth Product
25
kHz
φ
M
Phase Margin
50
°
G
M
Gain Margin
15
dB
e
N
Input Referred Voltage Noise
f = 1kHz, V
CM = 1.0V
110
nV/ Hz
i
N
Input Referred Current Noise
f = 1kHz
0.03
pA/ Hz
General Notes: Devices are ESD protected; however, handling precautions are recommended. All limits guaranteed by testing on statistical analysis.
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside its recommended operating ratings.
Note 2:
I/O Pin Voltage is any external voltage to which an input or output is referenced.
Note 3:
The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max); the junction-to-ambient thermal
resistance,
θ
JA; and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P
D = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note 4:
Thermal resistance,
θ
JA, applies to a part soldered on a printed-circuit board.
Note 5:
Human body model, 1.5k in series with 100pF.
Note 6:
Short circuit may cause the device to exceed maxium allowable power dissipation. See Note 3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com