Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC6251 Datasheet (PDF) - Micrel Semiconductor

MIC6251 Datasheet PDF - Micrel Semiconductor
Part # MIC6251
Download  MIC6251 Download
File Size   118.47 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??GainBlock??Amplifiers Preliminary Information

MIC6251 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC6251 Datasheet PDF - Micrel Semiconductor

Part # MIC6251
Download  MIC6251 Click to download

File Size   118.47 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??GainBlock??Amplifiers Preliminary Information

MIC6251 Datasheet (HTML) - Micrel Semiconductor


MIC6251 Product details

General Description

The MIC6251 and MIC6252 are IttyBitty™ GainBlock™ amplifiers for use as follows:

MIC6251 ................................ +2, +1, –1 gain amplifier

MIC6252 .................................. +0.5, +1 gain amplifier; average value amplifier

The MIC6251 and MIC6252 amplifiers operate from 4V to 32V. Both can use single or split supplies. These amplifiers feature internal, well-matched, gain-setting resistors and an input common-mode range that includes the negative supply (ground). The MIC6251/2 is available in the tiny SOT-23-5 surface

mount package.



Features

• 4V to 32V operation

• Small footprint package

• Internally compensated

• 2MHz bandwidth

• 6V/µs typical slew rate

• Short circuit protected



Applications

• Analog building blocks

• Summing amplifier

• Gain block




Similar Part No. - MIC6251

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
logo
Microchip Technology
MIC6211 MICROCHIP-MIC6211 Datasheet
878Kb / 20P
Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC6211-BM5 MICREL-MIC6211-BM5 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
MIC6211-YM5 MICREL-MIC6211-YM5 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
MIC6211BM5 MICREL-MIC6211BM5 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
More results


Similar Description - MIC6251

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
IttyBitty??Integrated High-Side Switch Preliminary Information
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6270 MICREL-MIC6270 Datasheet
40Kb / 3P
IttyBitty??Comparator Advance Information
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7201 MICREL-MIC7201 Datasheet
72Kb / 8P
GainBlock??Difference Amplifier Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com