Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC6251 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6251
Description  IttyBitty??GainBlock??Amplifiers Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6251 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6251 Datasheet HTML 1Page - Micrel Semiconductor MIC6251 Datasheet HTML 2Page - Micrel Semiconductor MIC6251 Datasheet HTML 3Page - Micrel Semiconductor MIC6251 Datasheet HTML 4Page - Micrel Semiconductor MIC6251 Datasheet HTML 5Page - Micrel Semiconductor MIC6251 Datasheet HTML 6Page - Micrel Semiconductor MIC6251 Datasheet HTML 7Page - Micrel Semiconductor MIC6251 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC6251/6252
Micrel
MIC6251/6252
2
July 1998
Electrical Characteristics (Differential Supply)
V
V+ = +15V, VV– = –15V; VCM = 0V, Note 1; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, TA = TJ; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
G
E
Gain Error
MIC6251: A
V = 2, VO = ±10V
0.3
0.5
%
MIC6252: A
V = 0.5, VO = ±10V
0.3
0.5
%
G
NL
Gain Non-linearity
MIC6251: A
V = 2, VO = ±10V
0.01
%
MIC6252: A
V = 0.5, VO = ±10V
0.01
%
V
OS
Offset Voltage
MIC6251: Referred to output
4
14
mV
MIC6252: Referred to output
2
7
mV
TCV
OS
Average Offset Drift
7
µV/°C
I
B
Input Bias Current
50
250
nA
V
CM
Input Voltage Range, Differential
Note 3
±25
V
Input Volt. Range, Common Mode
±13.5
±13.8
V
CMRR
Common Mode Rejection Ratio
∆V
CM = 27V, –13.5V to +13.5V
65
100
dB
PSRR
Power Supply Rejection Ratio
∆V
S = 25V, ±15V to ±2.5V
65
110
dB
V
OUT
Maximum Output Voltage Swing
R
L = 2k
±12.5
±14
V
B
W
Bandwidth
2
MHz
S
R
Slew Rate
6V/
µs
I
S
Supply Current
1.3
2.0
mA
General Note : Devices are ESD protected; however, handling precautions are recommended.
Note 1:
IN+ and IN– pins on the MIC6252 are interchangeable.
Note 2:
Gain setting resistors are ratio-matched but have a
±20% absolute tolerance
Note 3:
Limit input current to 1mA.
Note 4:
Human body model, 1.5k in series with 100pF.
Absolute Maximum Ratings
Supply Voltage (V
V+ – VV–) ............................. 36V or ±18V
Differential Input Voltage (V
IN+ – VIN–) ....................... ±36V
Input Voltage (V
IN+, VIN–) ........................ VV– – 0.3V to VV+
Output Short Circuit Current Duration ...............................
∞
Junction Temperature (T
J) ........................................ 150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ..................... 260
°C
ESD, Note 4 ............................................................... [TBD]
Operating Ratings
Supply Voltage .................................................... 4V to 32V
Ambient Temperature Range ..................... –40
°C to +85°C
SOT-23-5 Thermal Resistance (
θ
JA) ..................... 325°C/W
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Amplifier Output
2
V–
Negative Supply: Negative supply for split supply application or ground for
single supply application.
3
IN+
Noninverting Input: See “Electrical Characteristics: Note 1.”
4
IN–
Inverting Input: See “Electrical Characteristics: Note 1.”
5
V+
Positive Supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com