Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39500 Datasheet (PDF) - Micrel Semiconductor

MIC39500 Datasheet PDF - Micrel Semiconductor
Part # MIC39500
Download  MIC39500 Download
File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A Low-Voltage Low-Dropout Regulator Advance Information

MIC39500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC39500 Datasheet PDF - Micrel Semiconductor

Part # MIC39500
Download  MIC39500 Click to download

File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A Low-Voltage Low-Dropout Regulator Advance Information

MIC39500 Datasheet (HTML) - Micrel Semiconductor


MIC39500 Product details

General Description
The MIC39500 and MIC39501 are 5A low-dropout linear voltage regulators that provide a low-voltage, high-current output with a minimum of external components. Utilizing Micrel’s proprietary Super βeta PNP™ pass element, the MIC39500/1 offers extremely low dropout (typically 400mV at 5A) and low ground current (typically 70mA at 5A).

Features
• 5A minimum guaranteed output current
• 400mV dropout voltage
    Ideal for 3.0V to 2.5V conversion
    Ideal for 2.5V to 1.8V conversion
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery and reversed-lead insertion protection
• Reversed-leakage protection
• Fast transient response
• TO-263 and TO-220 packages
• TTL/CMOS compatible enable pin (MIC39501 only)
• Error fl ag output (MIC39501 only)
• Ceramic capacitor stable (See Application Information)

Applications
• Low Voltage Digital ICs
• LDO linear regulator for PC add-in cards
• High-effi ciency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Low-voltage microcontrollers
• StrongARM™ processor supply




Similar Part No. - MIC39500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39500 MICREL-MIC39500 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8BT MICREL-MIC39500-1.8BT Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8BU MICREL-MIC39500-1.8BU Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8WT MICREL-MIC39500-1.8WT Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8WU MICREL-MIC39500-1.8WU Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Similar Description - MIC39500

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
5A Low dropout voltage regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com