Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5213 Datasheet (PDF) - Micrel Semiconductor

MIC5213 Datasheet PDF - Micrel Semiconductor
Part # MIC5213
Download  MIC5213 Download
File Size   69.71 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information

MIC5213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5213 Datasheet PDF - Micrel Semiconductor

Part # MIC5213
Download  MIC5213 Click to download

File Size   69.71 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information

MIC5213 Datasheet (HTML) - Micrel Semiconductor


MIC5213 Product details

General Description
The MIC5213 is a µCap 80mA linear voltage regulator in the Teeny™ SC-70 package. Featuring half the footprint of the standard SOT-23 package, this Teeny™ SC-70 regulator has very low dropout voltage (typically 20mV at light loads and 300mV at 80mA) and very low ground current (225µA at 20mA output). It also offers better than 3% initial accuracy and includes a logic-compatible enable input.

Features
• Teeny™ SC-70 package
• Wide selection of output voltages
• Guaranteed 80mA output
• Low quiescent current
• Low dropout voltage
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled shutdown
• Stability with low ESR ceramic capacitors

Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies




Similar Part No. - MIC5213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213-2.5BC5 MICREL-MIC5213-2.5BC5 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5213-2.5YC5 MICREL-MIC5213-2.5YC5 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5213-2.6BC5 MICREL-MIC5213-2.6BC5 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5213-2.6YC5 MICREL-MIC5213-2.6YC5 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5213-2.7BC5 MICREL-MIC5213-2.7BC5 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
More results


Similar Description - MIC5213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39500 MICREL-MIC39500 Datasheet
93Kb / 8P
5A Low-Voltage Low-Dropout Regulator Advance Information
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com