Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5271 Datasheet (PDF) - Micrel Semiconductor

MIC5271 Datasheet PDF - Micrel Semiconductor
Part # MIC5271
Download  MIC5271 Download
File Size   123.54 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關Cap Negative Low-Dropout Regulator

MIC5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5271 Datasheet PDF - Micrel Semiconductor

Part # MIC5271
Download  MIC5271 Click to download

File Size   123.54 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關Cap Negative Low-Dropout Regulator

MIC5271 Datasheet (HTML) - Micrel Semiconductor


MIC5271 Product details

General Description
The MIC5271 is a µCap 100mA negative regulator in a SOT-23-5 package. With better than 2% initial accuracy, this regulator provides a very accurate supply voltage for applications that require a negative rail. The MIC5271 sinks 100mA of output current at very low dropout voltage (600mV maximum at 100mA of output current).

Features
• Stable with ceramic or tantalum capacitor
• Positive and negative enable thresholds
• Low dropout voltage: 500mV @ 100mA
• Low ground current: 35µA @ load = 100µA
• Tight initial accuracy: ±2%
• Tight load and line regulation
• Thermal shutdown
• Current limiting
• IttyBitty SOT-23-5 packaging
• Zero-current off-mode

Applications
• GaAsFET bias
• Portable cameras and video recorders
• PDAs
• Battery-powered equipment
• Post-regulation of DC-DC converters




Similar Part No. - MIC5271

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
MIC5271-3.0YM5-TR MICROCHIP-MIC5271-3.0YM5-TR Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
MIC5271-5.0YM5-TR MICROCHIP-MIC5271-5.0YM5-TR Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
MIC5271YM5-TR MICROCHIP-MIC5271YM5-TR Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
More results


Similar Description - MIC5271

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com