Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5203 Datasheet (PDF) - Micrel Semiconductor

MIC5203 Datasheet PDF - Micrel Semiconductor
Part # MIC5203
Download  MIC5203 Download
File Size   81.88 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關Cap??80mA Low-Dropout Voltage Regulator

MIC5203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5203 Datasheet PDF - Micrel Semiconductor

Part # MIC5203
Download  MIC5203 Click to download

File Size   81.88 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關Cap??80mA Low-Dropout Voltage Regulator

MIC5203 Datasheet (HTML) - Micrel Semiconductor


MIC5203 Product details

General Description  

The MIC5203 is a µCap 80mA linear voltage regulator with very low dropout voltage (typically 20mV at light loads and 300mV at 80mA) and very low ground current (225µA at 20mA output), offering better than 3% initial accuracy with a logic-compatible enable input. TheµCap regulator design is optimized to work with low value, low-cost ceramic capacitors. The outputs typically require only 0.47µF of output capacitance for stability.



Features

• Tiny 4- and 5-lead surface-mount packages

• Wide selection of output voltages

• Guaranteed 80mA output

• Low quiescent current

•Low dropout voltage

•Low temperature coefficient

• Current and thermal limiting

• Reversed input polarity protection

• Zero off-mode current

•Logic-controlled shutdown

• Stability with low-ESR ceramic capacitors




Similar Part No. - MIC5203

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
關Cap 80 mA LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5203-2.6BM4 MICREL-MIC5203-2.6BM4 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6BM5 MICREL-MIC5203-2.6BM5 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6YM4 MICREL-MIC5203-2.6YM4 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6YM5 MICREL-MIC5203-2.6YM5 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
More results


Similar Description - MIC5203

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
Dual 關Cap 80mA LDO Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com