Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS5213 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMS5213 Datasheet PDF - National Semiconductor (TI)
Part # LMS5213
Download  LMS5213 Download
File Size   271.03 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 80mA, uCap, Low Dropout Voltage Regulator in SC70

LMS5213 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMS5213 Datasheet PDF - National Semiconductor (TI)

Part # LMS5213
Download  LMS5213 Click to download

File Size   271.03 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 80mA, uCap, Low Dropout Voltage Regulator in SC70

LMS5213 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMS5213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.5 NSC-LMS5214IMG-2.5 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.6 NSC-LMS5214IMG-2.6 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.8 NSC-LMS5214IMG-2.8 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.9 NSC-LMS5214IMG-2.9 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
More results


Similar Description - LMS5213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com