Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3775 Datasheet (PDF) - Micrel Semiconductor

MIC3775 Datasheet PDF - Micrel Semiconductor
Part # MIC3775
Download  MIC3775 Download
File Size   139.57 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 750mA UCap Low-Voltage Low-Dropout Regulator

MIC3775 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3775 Datasheet PDF - Micrel Semiconductor

Part # MIC3775
Download  MIC3775 Click to download

File Size   139.57 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 750mA UCap Low-Voltage Low-Dropout Regulator

MIC3775 Datasheet (HTML) - Micrel Semiconductor


MIC3775 Product details

General Description
The MIC3775 is a 750mA low-dropout linear voltage regulators that provides low-voltage, high-current output from an extremely small package. Utilizing Micrel’s proprietary Superβeta PNP® pass element, the MIC3775 offers extremely low-dropout (typically 280mV at 750mA) and low ground current (typically 7.5mA at 750mA).

Features
• Fixed and adjustable output voltages to 1.24V
• 280mV typical dropout at 750mA
    – Ideal for 3.0V to 2.5V conversion
    – Ideal for 2.5V to 1.8V or 1.65V conversion
• Stable with ceramic capacitor
• 750mA minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-leakage protection
• Fast transient response
• Low-profile power MSOP-8 package

Applications
• Fiber optic modules
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic




Similar Part No. - MIC3775

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3775-1.5BMM MICREL-MIC3775-1.5BMM Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775-1.5YMM MICREL-MIC3775-1.5YMM Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775-1.65BMM MICREL-MIC3775-1.65BMM Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775-1.65YMM MICREL-MIC3775-1.65YMM Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775-1.8BMM MICREL-MIC3775-1.8BMM Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
More results


Similar Description - MIC3775

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
750mA Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
UCAP NEGATIVE LOW DROPOUT REGULATOR
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com