Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2937A Datasheet (PDF) - Micrel Semiconductor

MIC2937A Datasheet PDF - Micrel Semiconductor
Part # MIC2937A
Download  MIC2937A Download
File Size   128.86 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 750mA Low-Dropout Voltage Regulator

MIC2937A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2937A Datasheet PDF - Micrel Semiconductor

Part # MIC2937A
Download  MIC2937A Click to download

File Size   128.86 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 750mA Low-Dropout Voltage Regulator

MIC2937A Datasheet (HTML) - Micrel Semiconductor


MIC2937A Product details

General Description

The MIC2937A family are “bulletproof” efficient voltage regulators with very low dropout voltage (typically 40mV at light loads and 300mV at 500mA), and very low quiescent current (160µA typical). The quiescent current of the MIC2937A in creases only slightly in dropout, thus prolonging battery life. Key MIC2937A features include protection against reversed battery, fold-back current limiting, and automotive “load dump” protection (60V positive transient).



Features     

•  High output voltage accuracy

•  Guaranteed 750mA output

•  Low quiescent current

•  Low dropout voltage

•  Extremely tight load and line regulation

•  Very low temperature coefficient

•  Current and thermal limiting

•  Input can withstand –20V reverse battery and +60V positive transients

•  Error flag warns of output dropout

•  Logic-controlled electronic shutdown

•  Output programmable from 1.24V to 26V(MIC29372)

•  Available in TO-220, TO-263, TO-220-5, and TO-263-5 packages.



Applications

•  Battery Powered Equipment

•  Cellular Telephones

•  Laptop, Notebook, and Palmtop Computers

•  PCMCIA VCC and VPP Regulation/Switching

•  Bar Code Scanners

•  Automotive Electronics

•  SMPS Post-Regulator/ DC to DC Modules

•  High Efficiency Linear Power Supplies




Similar Part No. - MIC2937A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
MIC2937A-12BT MICREL-MIC2937A-12BT Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
MIC2937A-12BT MICREL-MIC2937A-12BT Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
MIC2937A-12BU MICREL-MIC2937A-12BU Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
MIC2937A-12BU MICREL-MIC2937A-12BU Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
More results


Similar Description - MIC2937A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Micrel Semiconductor
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
Linear Technology
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com