Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8126 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8126 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8126
Download  CS8126 Download
File Size   207.82 Kbytes
Page   9 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 750mA Low Dropout Linear Regulator with Delayed RESET

CS8126 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8126 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8126
Download  CS8126 Click to download

File Size   207.82 Kbytes
Page   9 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 750mA Low Dropout Linear Regulator with Delayed RESET

CS8126 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8126 Product details

Description

The CS8126 is a low dropout, high current 5V linear regulator. It is an improved replacement for the CS8156. Improvements include higher accuracy, tighter saturation control, better supply rejection, and enhanced circuitry. Familiar PNP regulator features such as reverse battery protection, over voltage shutdown, thermal shutdown, and current limit make the CS8126 suitable for use in automotive and battery operated equipment. Additional on chip filtering has been included to enhance rejection of high frequency transients on all external leads. RESET



Features

■ Low Dropout Voltage (0.6V at 0.5A)

■ 3% Output Accuracy

■ Active RESET

■ External RESET Delay for Reset

■ Protection Circuitry

Reverse Battery Protection

+60V, -50V Peak Transient Voltage

Short Circuit Protection

Internal Thermal Overload Protection



Absolute Maximum Ratings

Power Dissipation...........................................................................................................................................Internally Limited

Peak Transient Voltage (46V Load Dump) ......................................................................................................-50V, 60V

Output Current ...............................................................................................................................Internally Limited

ESD Susceptibility (Human Body Model).....................................................................................................................4kV

Junction Temperature .....................................................................................................................................-40°C to 150°C

Storage Temperature.........................................................................................................................-55°C to 150°C

Lead Temperature Soldering Wave Solder (through hole styles only) .............10 sec. max, 260°C peak

Reflow (SMD styles only) ..........................................60 sec. max above 183°C, 230°C peak




Similar Part No. - CS8126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPSR7 ONSEMI-CS8126-1YDPSR7 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
More results


Similar Description - CS8126

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com