Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2925 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2925 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2925
Download  LM2925 Download
File Size   228.85 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Low Dropout Regulator with Delayed Reset

LM2925 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2925 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2925
Download  LM2925 Click to download

File Size   228.85 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Low Dropout Regulator with Delayed Reset

LM2925 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2925 Product details

DESCRIPTION

The LM2925 features a low dropout, high current regulator. Also included on-chip is a reset function with an externally set delay time. Upon power up, or after the detection of anyerror in the regulated output, the reset pin remains in the ac-tive low state for the duration of the delay.

Types of errors de-tected include any that cause the output to become unregu- lated: low input

voltage, thermal shutdown, short circuit,input transients, etc. No external pull-up resistor is neces-sary. The current charging the delay capacitor is very low, al-lowing long delay times.



FEATURES

●Externallyset delayfor reset

●5V/750mA output

●Verylow dropout voltage 0.6V at 0.5A

●Reverse battery protection

●60V load dump protection

● −50V reverse transient protection

●Internal thermal over load protection

●Short circuit protection

●Available in plasticTO-220

●Longdelaytimes available

●P+ Product Enhancementtested

●Moisture SensitivityLevel 3




Similar Part No. - LM2925

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2925T NSC-LM2925T Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
More results


Similar Description - LM2925

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com