Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8129 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8129
Download  CS8129 Download
File Size   188.12 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold

CS8129 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8129 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8129
Download  CS8129 Click to download

File Size   188.12 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold

CS8129 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8129 Product details

Description
The CS8129 is a precision 5V linear regulator capable of sourcing 750mA.
The RESET threshold voltage has been lowered to 4.2V so that the regulator can be used with 4V microprocessors.

Features
■ 5V +/- 3% Regulated Output
■ Low Dropout Voltage (0.6V @ 0.5A)
■ 750mA Output Current Capability
■ Reduced Threshold for use with 4V Microprocessors
■ Externally Programmed Delay
■ Fault Protection Reverse Battery 60V, -50V Peak Transient Voltage Short Circuit Thermal Shutdown RESET RESET




Similar Part No. - CS8129

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129 ONSEMI-CS8129 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8129YDW16 ONSEMI-CS8129YDW16 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDW16G ONSEMI-CS8129YDW16G Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDWR16 ONSEMI-CS8129YDWR16 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results


Similar Description - CS8129

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com