Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet (PDF) - ON Semiconductor

CS8129 Datasheet PDF - ON Semiconductor
Part # CS8129
Download  CS8129 Download
File Size   114.33 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold

CS8129 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8129 Datasheet PDF - ON Semiconductor

Part # CS8129
Download  CS8129 Click to download

File Size   114.33 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold

CS8129 Datasheet (HTML) - ON Semiconductor


CS8129 Product details

The CS8129 is a precision 5.0 V linear regulator capable of sourcing 750 mA. The RESET threshold voltage has been lowered to 4.2 V so that the regulator can be used with 4.0 V microprocessors. The lower RESET threshold also permits operation under low battery conditions (5.5 V plus a diode). The RESET’s delay time is externally programmed using a discrete RC network. During powerup, or when the output goes out of regulation, RESET remains in the low state for the duration of the delay. This function is independent of the input voltage and will function correctly as long as the output voltage remains at or above 1.0 V. Hysteresis is included in the Delay and the RESET comparators to improve noise immunity. A latching discharge circuit is used to discharge the delay capacitor when it is triggered by a brief fault condition.

Features
• 5.0 V ±3.0% Regulated Output
• Low Dropout Voltage (0.6 V @ 0.5 A)
• 750 mA Output Current Capability
• Reduced RESET Threshold for Use with 4.0 V Microprocessors
• Externally Programmed RESET Delay
• Fault Protection
    − Reverse Battery
    − 60 V, −50 V Peak Transient Voltage
    − Short Circuit
    − Thermal Shutdown
• Pb−Free Packages are Available*




Similar Part No. - CS8129

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8129YDW16 CHERRY-CS8129YDW16 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
CS8129YDWR16 CHERRY-CS8129YDWR16 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
CS8129YT5 CHERRY-CS8129YT5 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
More results


Similar Description - CS8129

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com