Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8129
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8129 Datasheet HTML 1Page - ON Semiconductor CS8129 Datasheet HTML 2Page - ON Semiconductor CS8129 Datasheet HTML 3Page - ON Semiconductor CS8129 Datasheet HTML 4Page - ON Semiconductor CS8129 Datasheet HTML 5Page - ON Semiconductor CS8129 Datasheet HTML 6Page - ON Semiconductor CS8129 Datasheet HTML 7Page - ON Semiconductor CS8129 Datasheet HTML 8Page - ON Semiconductor CS8129 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS8129
http://onsemi.com
2
PIN CONNECTIONS
SO−16 WB
Pin 1. VIN
2. RESET
3. GND
4. Delay
5. VOUT
TO−220 5−LEAD
NC
Delay
NC
NC
GND
RESET
GND
GND
GND
GND
VOUT(SENSE)
NC
NC
NC
VOUT
VIN
1
16
1
GND
RESET
VOUT
Latching Discharge
VDISCHARGE
Figure 1. Block Diagram
VIN
Over Voltage
Shutdown
Thermal
Shutdown
Delay
Comparator
−
+
Bandgap
Reference
Anti−Saturation
and
Current Limit
Regulated Supply
for Circuit Bias
Pre−Regulator
Charge
Current
Generator
Q
S
R
VOUT
(SENSE)
Error
Amplifier
Delay
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Input Operating Range
−0.5 to 26
V
Power Dissipation
Internally Limited
−
Peak Transient Voltage (46 V Load Dump @ 14 V VIN)
−50, 60
V
Output Current
Internally Limited
−
Electrostatic Discharge (Human Body Model)
4.0
kV
Junction Temperature
−55 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering: Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum.
2. 60 seconds max above 183
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com