Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8129
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8129 Datasheet HTML 1Page - ON Semiconductor CS8129 Datasheet HTML 2Page - ON Semiconductor CS8129 Datasheet HTML 3Page - ON Semiconductor CS8129 Datasheet HTML 4Page - ON Semiconductor CS8129 Datasheet HTML 5Page - ON Semiconductor CS8129 Datasheet HTML 6Page - ON Semiconductor CS8129 Datasheet HTML 7Page - ON Semiconductor CS8129 Datasheet HTML 8Page - ON Semiconductor CS8129 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS8129
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 125°C, −40 ≤ TJ ≤ 150°C, 6.0 ≤ VIN ≤ 26 V, 5.0 mA ≤ IOUT ≤ 500 mA,
RRESET = 4.7 kW to VOUT unless otherwise noted.) (Note 3)
Characteristic
Test Conditions
Min
Typ
Max
Unit
OUTPUT STAGE (VOUT)
Output Voltage
−
4.85
5.0
5.15
V
Dropout Voltage
IOUT = 500 mA
−
0.35
0.60
V
Supply Current
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
−
−
−
2.0
6.0
55
7.0
12
100
mA
mA
mA
Line Regulation
6.0 V
≤ VIN ≤ 26 V, IOUT = 50 mA
−
5.0
50
mV
Load Regulation
50 mA
≤ IOUT ≤ 500 mA, VIN = 14 V
−
10
50
mV
Ripple Rejection
f = 120 Hz, VIN = 7.0 to 17 V, IOUT = 250 mA
54
75
−
dB
Current Limit
−
0.75
1.20
−
A
Overvoltage Shutdown
−
32
−
40
V
Reverse Polarity Input Voltage DC
VOUT ≥ −0.6 V, 10 W Load
−15
−30
−
V
Thermal Shutdown
Guaranteed by Design
150
180
210
°C
RESET AND DELAY FUNCTIONS
Delay Charge Current
VDELAY = 2.0 V
5.0
10
15
mA
RESET Threshold
VOUT Increasing, VRT(ON)
VOUT Decreasing, VRT(OFF)
4.05
4.00
4.35
4.20
4.50
4.45
V
V
RESET Hysteresis
VRH = VRT(ON) − VRT(OFF)
50
150
250
mV
Delay Threshold
Charge, VDC(HI)
Discharge, VDC(LO)
3.25
2.85
3.50
3.10
3.75
3.35
V
V
Delay Hysteresis
−
200
400
800
mV
RESET Output Voltage Low
1.0 V < VOUT < VRT(L), 3.0 kW to VOUT
−
0.1
0.4
V
RESET Output Leakage
VOUT > VRT(H) Current
−
0
10
mA
Delay Capacitor Discharge Voltage
Discharge Latched “ON”, VOUT > VRT
−
0.2
0.5
V
Delay Time
CDELAY = 0.1 mF, (Note 4)
16
32
48
ms
3. To observe safe operating junction temperatures, low duty cycle pulse testing is used in tests where applicable.
4. Assuming ideal capacitor.
Delay Time
+
CDelay
VDelay Threshold Charge
ICharge
+ CDelay
3.5
105 (typ)
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
SO−16WB
TO−220
5 LEAD
LEAD SYMBOL
FUNCTION
1
1
VIN
Unregulated supply voltage to IC.
16
5
VOUT
Regulated 5.0 V output.
4, 5, 11, 12, 13
3
GND
Ground Connection.
8
4
Delay
Timing capacitor for RESET function.
6
2
RESET
CMOS/TTL compatible output lead. RESET goes low whenever VOUT drops
below 6.0% of it’s regulated value.
14
N/A
VOUT(SENSE)
Remote sensing of output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com