Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet (PDF) - ON Semiconductor

CS8321 Datasheet PDF - ON Semiconductor
Part # CS8321
Download  CS8321 Download
File Size   145.96 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micropower 5.0 V, 150 mA Low Dropout Linear Regulator

CS8321 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8321 Datasheet PDF - ON Semiconductor

Part # CS8321
Download  CS8321 Click to download

File Size   145.96 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micropower 5.0 V, 150 mA Low Dropout Linear Regulator

CS8321 Datasheet (HTML) - ON Semiconductor


CS8321 Product details

Micropower 5.0 V, 150 mA Low Dropout Linear Regulator

The CS8321 is a precision 5.0 V micropower voltage regulator with very low quiescent current (140 A typ at 1.0 mA load). The 5.0 V output is accurate within ±2% and supplies 150 mA of load current with a typical dropout voltage of only 300 mV.
This combination of low quiescent current and outstanding regulator performance makes the CS8321 ideal for any battery operated equipment.
The regulator is protected against reverse battery and short circuit conditions. The device can withstand 45 V load dump transients making it suitable for use in automotive environments.

Features
• 5.0 V ± 2% Output
• Low 140 A (typ) Quiescent Current
• 150 mA Output Current Capability
• Fault Protection
    ♦ −15 V Reverse Voltage Output Current Limit
• Low Reverse Current (Output to Input)
• Pb−Free Packages are Available*




Similar Part No. - CS8321

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8321YDP3 CHERRY-CS8321YDP3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
CS8321YDPR3 CHERRY-CS8321YDPR3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
CS8321YT3 CHERRY-CS8321YT3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
More results


Similar Description - CS8321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
logo
Analog Devices
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
10/06-Revision 0
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com