Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8321
Description  Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8321 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8321 Datasheet HTML 1Page - ON Semiconductor CS8321 Datasheet HTML 2Page - ON Semiconductor CS8321 Datasheet HTML 3Page - ON Semiconductor CS8321 Datasheet HTML 4Page - ON Semiconductor CS8321 Datasheet HTML 5Page - ON Semiconductor CS8321 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CS8321
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Transient Input Voltage
−15, 45
V
Output Current
Internally Limited
−
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature
−40 to 150
°C
Storage Temperature
−65 to 150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 seconds max
2. 60 seconds max above 183°C
ELECTRICAL CHARACTERISTICS (6.0 V < VIN < 26 V, IOUT = 1.0 mA, −40°C ≤ TA ≤ 125°C, −40°C ≤ TJ ≤ 150°C; unless otherwise
specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
9.0 V < VIN 16 V, 100 mA ≤ IOUT ≤ 150 mA
4.9
5.0
5.1
V
Dropout Voltage (VIN − VOUT)
IOUT = 150 mA, −40°C ≤ TA ≤ 85°C
IOUT = 150 mA, TA = 125°C
−
−
0.3
−
0.5
0.6
V
V
Quiescent Current, (IQ)
IOUT = 1.0 mA @ VIN = 13 V
IOUT < 50 mA @ VIN = 13 V
IOUT < 150 mA @ VIN = 13 V
−
−
−
−
4.0
15
200
6.0
25
mA
mA
mA
Load Regulation
VIN = 14 V, 100 mA < IOUT < 150 mA
−
5.0
50
mV
Line Regulation
6.0 V ≤ V ≤ 26 V, IOUT = 1.0 mA
−
5.0
50
mV
Ripple Rejection
7.0 ≤ VIN ≤ 17 V, IOUT = 150 mA, f = 120 Hz
60
75
−
dB
Current Limit
−
175
250
−
mA
Short Circuit Output Current
VOUT = 0 V
60
200
−
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
140
200
mA
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
TO−220−3
D2PAK−3
1
1
VIN
Input voltage.
2
2
GND
Ground. All GND leads must be connected to ground.
3
3
VOUT
5.0 V, ±2%, 150 mA Output.
ORDERING INFORMATION*
Device
Package
Shipping†
CS8321YT3
TO−220−3
50 Units / Rail
CS8321YT3G
TO−220−3
(Pb−Free)
50 Units / Rail
CS8321YDP3
D2PAK−3
50 Units / Rail
CS8321YDP3G
D2PAK−3
(Pb−Free)
50 Units / Rail
CS8321YDPR3
D2PAK−3
750 Units / Tape & Reel
CS8321YDPR3G
D2PAK−3
(Pb−Free)
750 Units / Tape & Reel
*Contact your local sales representative for SO−16, DIP−16, SO−8, and DIP−8 package options.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com