Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8321
Description  Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8321 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8321 Datasheet HTML 1Page - ON Semiconductor CS8321 Datasheet HTML 2Page - ON Semiconductor CS8321 Datasheet HTML 3Page - ON Semiconductor CS8321 Datasheet HTML 4Page - ON Semiconductor CS8321 Datasheet HTML 5Page - ON Semiconductor CS8321 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 7
1
Publication Order Number:
CS8321/D
CS8321
Micropower 5.0 V,
150 mA Low Dropout
Linear Regulator
The CS8321 is a precision 5.0 V micropower voltage regulator with
very low quiescent current (140
mA typ at 1.0 mA load). The 5.0 V
output is accurate within
±2% and supplies 150 mA of load current
with a typical dropout voltage of only 300 mV.
This combination of low quiescent current and outstanding
regulator performance makes the CS8321 ideal for any battery
operated equipment.
The regulator is protected against reverse battery and short circuit
conditions. The device can withstand 45 V load dump transients
making it suitable for use in automotive environments.
Features
• 5.0 V ± 2% Output
• Low 140 mA (typ) Quiescent Current
• 150 mA Output Current Capability
• Fault Protection
♦ −15 V Reverse Voltage Output Current Limit
• Low Reverse Current (Output to Input)
• Pb−Free Packages are Available*
Figure 1. Block Diagram
VIN
VOUT
GND
Bandgap
Reference
+ −
Current Source
(Circuit Bias)
Current Limit
Sense
Error
Amplifier
QP
QN
R
R1
R2
*Lead Shorted to VOUT in 3−Pin Applications
R1
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G= Pb−Free Package
MARKING DIAGRAMS
TO−220−3
T SUFFIX
CASE 221A
Pin 1. VIN
2. GND
3. VOUT
CS
8321
AWLYWWG
1
D2PAK−3
CS
8321
AWLYWWG
1
TO−220−3
12
3
D2PAK−3
DP SUFFIX
CASE 418AB
1 2
3
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS8321

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8321YDP3 CHERRY-CS8321YDP3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
CS8321YDPR3 CHERRY-CS8321YDPR3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
CS8321YT3 CHERRY-CS8321YT3 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
More results

Similar Description - CS8321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
logo
Analog Devices
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
10/06-Revision 0
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com