Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8321
Description  Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8321 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8321 Datasheet HTML 1Page - ON Semiconductor CS8321 Datasheet HTML 2Page - ON Semiconductor CS8321 Datasheet HTML 3Page - ON Semiconductor CS8321 Datasheet HTML 4Page - ON Semiconductor CS8321 Datasheet HTML 5Page - ON Semiconductor CS8321 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS8321
http://onsemi.com
3
CIRCUIT DESCRIPTION AND APPLICATION NOTES
VOLTAGE REFERENCE AND OUTPUT CIRCUITRY
The CS8321 is a series pass voltage regulator. It consists
of an error amplifier, bandgap voltage reference, PNP pass
transistor with antisaturation control, and current limit.
As the voltage at the input, VIN, is increased (Figure 1),
QN is forward biased via R. QN provides base drive for QP.
As QP becomes forward biased, the output voltage, VOUT,
begins to rise as QP’s output current charges the output
capacitor. Once VOUT rises to a certain level, the error
amplifier becomes biased and provides the appropriate
amount of base current to QP. The error amplifier monitors
the scaled output voltage via an internal voltage divider, R1
and R2, and compares it to the bandgap voltage reference.
The error amplifier’s output is a current which is equal to the
error amplifier’s differential input voltage times its
transconductance. Therefore, the error amplifier varies the
base drive current to QN, which provides bias to QP, based
on the difference between the reference voltage and the
scaled output voltage, VOUT.
Antisaturation Protection
An antisaturation control circuit has also been added to
prevent the pass transistor from going into deep saturation,
which would cause excessive power dissipation due to large
bias currents lost to the substrate via a parasitic PNP
transistor, as shown in Figure 2.
Figure 2. The Parasitic PNP Transistor Which Is
Part of the Pass Transistor (QP) Structure
VOUT
VIN
QP
QParasitic
Substrate
Current Limit Limit
The output stage is protected against short circuit
conditions. As shown in Figure 3, the output current will fold
back when the faulted load is continually increased. This
technique has been incorporated to limit the total power
dissipation across the device during a short circuit condition,
since the device does not contain overtemperature
shutdown.
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
Figure 3. Typical Current Limit and Fold Back
Waveform
0.0
0.0
Output Voltage
0.34257
0.30831
0.27405
0.23980
0.20554
0.17128
0.13703
0.10277
0.06851
0.03426
0.51 1.02 1.52 2.03 2.54 3.05 3.56 4.06 4.57 5.08
Curve will vary with temperature
and process variation.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.
The value for the output capacitor COUT shown in Figure
4 should work for most applications, however it is not
necessarily the best solution.
Figure 4. Test and Application Circuit Showing
Output Compensation
CS8321
VIN
CIN*
0.1 mF
VOUT
VOUTSense†
COUT**
0.1 mF
*CIN required if regulator is located far from the power
supply filter.
**COUT required for stability. Capacitor must operate at
minimum temperature expected.
†Pin internally shorted to VOUT in 3−pin applications.
To determine an acceptable value for COUT for a particular
application, start with a tantalum capacitor of the



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com