Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8151 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8151
Download  CS8151 Download
File Size   196.57 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP

CS8151 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8151 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8151
Download  CS8151 Click to download

File Size   196.57 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP

CS8151 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8151 Product details

Description
The CS8151 is a precision 5V, 100mA micro-power voltage regulator with very low quiescent current (400µA typical at 200µA load). The 5V output is accurate within ±2% and supplies 100 mA of load current with a typical dropout voltage of 400mV.
   
Features
■ 5V ±2% / 100 mA Output Voltage
■ Micropower Compatible Control Functions: WAKE UP WATCHDOG
■ Low Dropout Voltage: 400mV @ 100mA
■ Low Sleep Mode Quiescent Current (400µA typ)
■ Protection Features: Thermal Shutdown Short Circuit 74V Load Dump Reverse Transient (-50V) RESET
   




Similar Part No. - CS8151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8151/C ONSEMI-CS8151/C Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
CS8151CGN8 CHERRY-CS8151CGN8 Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
CS8151D2G ONSEMI-CS8151D2G Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
More results


Similar Description - CS8151

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com