Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8151
Description  5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8151 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8151 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8151 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
______
RESET
WAKE UP
WDI
VOUT
POWER DOWN
POR
POR
RTL
WATCHDOG Pulse Width
WAKE UP period
Timing Diagrams
Figure 1c. Power Down and Restart Sequence
______
RESET
WAKE UP
WDI
VOUT
VIN
POR
______
RESET HIGH
to WAKE UP
DELAY TIME
______
RESET HIGH
to WAKEUP
DELAY TIME
______
RESET delay time
WAKE UP
period
Figure 1b. Error Condition: Watchdog remains LOW and a
is issued
RESET
______
RESET
WAKE UP
WDI
VOUT-
POR
VIN
______
RESET High
to Wakeup
Delay Time
Power Up
Sleep Mode
Normal Operation with varying WATCHDOG Signal
WAKE UP Duty Cycle = 50%
Figure 1a. Power Up, Sleep Mode and Normal Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com