| Manufacturer | Part # | Datasheet | Description |
 Cherry Semiconductor Co... |
CS5111
|
188Kb / 10P |
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98 |
|
CS8101
|
196Kb / 8P |
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99 |
|
CS8120
|
198Kb / 8P |
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98 |
|
CS8121
|
205Kb / 8P |
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99 |
|
CS8140
|
214Kb / 12P |
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99 |
|
CS8151
|
196Kb / 8P |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99 |
|
CS8151C
|
142Kb / 8P |
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99 |
 ON Semiconductor |
NCV8141
|
89Kb / 12P |
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5 |
|
CS5112
|
121Kb / 13P |
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7 |
|
NCV8518A
|
139Kb / 13P |
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1 |