Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8120 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8120 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8120
Download  CS8120 Download
File Size   198.56 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 300mA Linear Regulator with and ENABLE RESET

CS8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8120 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8120
Download  CS8120 Click to download

File Size   198.56 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 300mA Linear Regulator with and ENABLE RESET

CS8120 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8120 Product details

Description
The CS8120 is a 5V, 300mA precision linear regulator with two microprocessor compatible control functions and protection circuitry included on chip. The composite NPN-PNP output pass transistor assures a lower dropout voltage (1V @ 200mA) without requiring excessive supply current (2.5mA).

Features
■ 5V ± 4% Output Voltage 300mA
■ Low Dropout Voltage (1V @ 150mA)
■ Low Quiescent Current (2.5mA @ IOUT = 150mA)
■ µP Compatible Control Functions
■ Low Current Sleep Mode IQ=250µA
■ Fault Protection Thermal Shutdown Short Circuit 60V Load Dump ENABLE RESET




Similar Part No. - CS8120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YD14 ONSEMI-CS8120YD14 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDP5 ONSEMI-CS8120YDP5 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDPR5 ONSEMI-CS8120YDPR5 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDR14 ONSEMI-CS8120YDR14 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results


Similar Description - CS8120

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
300mA LDO Linear Regulator with UP Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
300mA Linear Regulator with Enable And Fast Discharge Function
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com