Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5112 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5112
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5112 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5112 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Logic Inputs/Outputs (
, SELECT, WDI,
) ................................................................................-0.3V to VLIN
VLIN ................................................................................................................................................................................-0.3V to 10V
VIN, VREG:
DC Input Voltage .................................................................................................................................................-0.3V to 26V
Peak Transient Voltage (26V Load Dump @ 14V VIN)....................................................................................-0.3V to 40V
VSW Peak Transient Voltage .....................................................................................................................................................54V
COSC, CDelay, COMP,VFB1, VFB2 ..................................................................................................................................-0.3V to VLIN
Power Dissipation.............................................................................................................................................Internally Limited
VLIN Output Current ........................................................................................................................................Internally Limited
VSW Output Current .........................................................................................................................................Internally Limited
Output Sink Current ..................................................................................................................................................5mA
ESD Susceptibility (Human Body Model)..............................................................................................................................2kV
ESD Susceptibility (Machine Model).....................................................................................................................................200V
Storage Temperature ...................................................................................................................................................-65 to 150¡C
Lead Temperature Soldering: Reflow (SMD styles only) ..........................................60 sec. max above 183¡C, 230¡C peak
RESET
RESET
ENABLE
Electrical Characteristics: 5V ² VIN ² 26V and -40¡C ² TJ ² 150¡C, -40¡C ² TA ² 85¡C, COUT = 100µF (ESR²8½),
CDelay = 0.1µF, RBIAS = 64.9k½, COSC = 390 pF, CCOMP = 0.1µF; unless otherwise specified.
s General
IIN Off Current
6.6V ² VIN ² 26V, ISW = 0A
2.0
mA
IIN On Current
6.6V ² VIN ² 26V, ISW = 1.4A
30
70
mA
IREG Current
ILIN = 100mA, 6.6V ² VREG ² 26V
6
mA
Thermal Limit
Guaranteed by design
160
210
¡C
s 5V Regulator Section
VLIN Output Voltage
6.6V ² VREG ² 26V, 1mA ² ILIN ² 100mA
4.9
5.0
5.1
V
Dropout Voltage
(VREG - VLIN) @ ILIN = 100mA
1.2
1.5
V
Line Regulation
6.6V ² VREG ² 26V, ILIN = 5mA
5
25
mV
Load Regulation
VREG = 19V, 1mA ² ILIN ² 100mA
5
25
mV
Current Limit
6.6V ² VREG ² 26V
120
mA
DC Ripple Rejection
14V ² VREG ² 24V
60
75
dB
s
Section
Low Threshold (VRTL)VLIN Decreasing
4.05
4.25
4.45
V
High Threshold (VRTH)VLIN Increasing
4.20
4.45
4.70
V
Hysteresis
VRTH - VRTL
140
190
240
mV
Active High
VLIN > VRTH, IRESET = -25µA
VLIN - 0.5
V
Active Low
VLIN = 1V, 10k½ pullup from
to VLIN
0.4
V
VLIN = 4V, IRESET = 1mA
0.7
V
Delay
Invalid WDI
6.25
8.78
11.0
ms
Power On Delay
VLIN crossing VRTH
6.25
ms
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com