Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8129
Description  5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8129 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8129 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
125ûC
25ûC
-40ûC
Rload = 25W
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
20.0
40.0
60.0
80.0
100.0
120.0
Rload = 6.67W
Rload = 10W
Rload = 25W
Rload = NO LOAD
Room Temp.
0.0
0.0
V
IN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Rload = 25W
125ûC
25ûC
-40ûC
Output Voltage vs Input Voltage over Temperature
Quiescent Current vs Input Voltage over Load Resistance
Quiescent Current vs Input Voltage over Temperature
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Rload =
NO LOAD
Rload = 6.67
W
Rload = 10
W
Room Temp.
VOUT vs. VIN over RLOAD
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
-100
0
OUTPUT CURRENT (mA)
-80
-60
-40
-20
0
20
40
60
80
100
100
200
300
400
500
600
700
800
VIN 6-26V
TEMP = 25ûC
TEMP = -40ûC
TEMP = 125ûC
-14
0
OUTPUT CURRENT (mA)
-12
-10
-8
-6
-4
-2
0
2
4
6
100
200
300
400
500
600
700
800
TEMP = 25ûC
TEMP = 125ûC
VIN = 14V
TEMP = -40ûC
Load Regulation vs. Output Current
Line Regulation vs. Output Current
Rload=25½
16L SOIC Wide
5L TO-220
11
VIN
Unregulated supply voltage to IC.
16
5
VOUT
Regulated 5V output.
4, 5, 11, 12, 13
3
Gnd
Ground connection.
8
4
Delay
Timing capacitor for
function.
6
2
CMOS/TTL compatible output lead.
goes low whenev-
er VOUT drops below 6% of it's regulated value.
14
N/A
VOUT(SENSE)
Remote sensing of output voltage.
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com