Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8129 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8129
Description  5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8129 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8129 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
5V, 750mA Low Dropout Linear
Regulator with Lower RESET Threshold
Features
s
5V +/- 3% Regulated
Output
s
Low Dropout Voltage
(0.6V @ 0.5A)
s
750mA Output Current
Capability
s
Reduced
Threshold
for use with 4V Micro-
processors
s Externally Programmed
Delay
s Fault Protection
Reverse Battery
60V, -50V Peak Transient
Voltage
Short Circuit
Thermal Shutdown
RESET
RESET
Package Options
5 Lead TO-220
1
VIN
NC
NC
Gnd
Gnd
NC
Delay
RESET
VOUT
NC
VOUT(SENSE)
Gnd
Gnd
Gnd
NC
NC
Description
The CS8129 is a precision 5V linear reg-
ulator capable of sourcing 750mA.
The
threshold voltage has been
lowered to 4.2V so that the regulator
can be used with 4V microprocessors.
The lower
threshold also per-
mits operation under low battery condi-
tions (5.5V plus a diode). The
Õs
delay time is externally programmed
using a discrete RC network. During
power up, or when the output goes out
of regulation,
remains in the
low state for the duration of the delay.
This function is independent of the
input voltage and will function correct-
ly as long as the output voltage remains
at or above 1V. Hysteresis is included in
the Delay and the
comparators
to improve noise immunity. A latching
discharge circuit is used to discharge
the delay capacitor when it is triggered
by a brief fault condition.
The regulator is protected against a
variety of fault conditions: i.e. reverse
battery, overvoltage, short circuit and
thermal runaway conditions. The regu-
lator is protected against voltage tran-
sients ranging from -50V to +40V. Short
circuit current is limited to 1.2A (typ).
The CS8129 is packaged in a 5 lead
TOÐ220 and a 16 lead surface mount
package.
RESET
RESET
RESET
RESET
RESET
Block Diagram
VOUT
VIN
Over Voltage
Shutdown
Pre-
Regulator
Regulated Supply
for Circuit Bias
Bandgap
Reference
Anti-Saturation
and
Current Limit
-
+
+
-
Q
R
S
Delay
Gnd
VOUTSENSE
Error
Amplifier
Delay Comparator
Latching Discharge
Charge
Current
Generator
RESET
Thermal
Shutdown
VDISCHARGE
CS8129
1VIN
2
3
Gnd
4
Delay
5VOUT
RESET
1
16 Lead SOIC Wide
A
Company
¨
Rev. 3/31/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8129

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129 ONSEMI-CS8129 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8129YDW16 ONSEMI-CS8129YDW16 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDW16G ONSEMI-CS8129YDW16G Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDWR16 ONSEMI-CS8129YDWR16 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results

Similar Description - CS8129

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com