Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8126 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8126
Description  5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8126 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8126 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance Characteristics
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
RLOAD= 25W
125ûC
25ûC
-40ûC
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Room Temp.
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
Rload = 6.67
Rload = 10
Rload = 25
Rload = NO LOAD
0.0
0.0
V
IN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RLOAD = 25W
125ûC
25ûC
-40ûC
VOUT vs VIN over Temperature
ICQ vs. VIN over RLOAD
ICQ vs. VIN over Temperature
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Room Temp.
Rload =
NO LOAD
Rload = 6.67
Rload = 10
VOUT vs. VIN over RLOAD
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead TO-220
7Lead
16 Lead
8126-1 8126-2
D2PAK
SOIC Wide
11
1
1
VIN
Unregulated supply voltage to IC.
25
2
16
VOUT
Regulated 5V output.
3
3
4
11
Gnd
Ground connection.
4
4
5
8
Delay
Timing capacitor for
function.
5
2
6
6
CMOS/TTL compatible output lead.
goes low
after detection of any error in the regulated output or
during power up.
314
VOUT(SENSE)
Remote sensing of output voltage.
7
2, 3, 4, 5, 7, 9,
NC
No Connection.
10, 12, 13, 15
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com