Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5203 Datasheet (PDF) - Semtech Corporation

SC5203 Datasheet PDF - Semtech Corporation
Part # SC5203
Download  SC5203 Download
File Size   115.35 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR

SC5203 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5203 Datasheet PDF - Semtech Corporation

Part # SC5203
Download  SC5203 Click to download

File Size   115.35 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR

SC5203 Datasheet (HTML) - Semtech Corporation


SC5203 Product details

DESCRIPTION
The SC5203 is an 80 mA ultra low droput linear regulator with a built in CMOS/TTL logic level Enable switch, designed specifically for battery powered applications where low quiescent current and low dropout are critical for battery longevity.

APPLICATIONS
● Battery Powered Systems
● Cellular Telephones
● Laptop, Notebook and Palmtop Computers
● Bar Code Scanners
● High Efficiency Linear Power supplies




Similar Part No. - SC5203

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
SC5205-1.8CSKTR SEMTECH-SC5205-1.8CSKTR Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
SC5205-2.5CSKTR SEMTECH-SC5205-2.5CSKTR Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
SC5205-2.8CSKTR SEMTECH-SC5205-2.8CSKTR Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
SC5205-3.0CSKTR SEMTECH-SC5205-3.0CSKTR Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
More results


Similar Description - SC5203

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
STMicroelectronics
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
Jun-2002
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
1A Ultra Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
150mA Ultra Low Dropout Voltage Regulator
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
80mA Low Noise LDO Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com