Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5213 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5213
Description  Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5213 Datasheet HTML 1Page - Micrel Semiconductor MIC5213 Datasheet HTML 2Page - Micrel Semiconductor MIC5213 Datasheet HTML 3Page - Micrel Semiconductor MIC5213 Datasheet HTML 4Page - Micrel Semiconductor MIC5213 Datasheet HTML 5Page - Micrel Semiconductor MIC5213 Datasheet HTML 6Page - Micrel Semiconductor MIC5213 Datasheet HTML 7Page - Micrel Semiconductor MIC5213 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
June 2000
3
MIC5213
MIC5213
Micrel
Electrical Characteristics
V
IN = VOUT + 1V; IL = 1mA; CL = 0.47µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage Accuracy
–33
%
–44
%
∆V
O/∆T
Output Voltage Temp. Coefficient
Note 5
50
200
ppm/
°C
∆V
O/VO
Line Regulation
V
IN = VOUT + 1V to 16V
0.008
0.3
%
0.5
%
∆V
O/VO
Load Regulation
I
L = 0.1mA to 80mA, Note 6
0.08
0.3
%
0.5
%
V
IN–VO
Dropout Voltage, Note 7
I
L = 100µA20
mV
I
L = 20mA
200
350
mV
I
L = 50mA
250
mV
I
L = 80mA
300
600
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.01
10
µA
I
GND
Ground Pin Current, Note 8
I
L = 100µA, VEN ≥ 2.0V (active)
180
µA
I
L = 20mA, VEN ≥ 2.0V (active)
225
750
µA
I
L = 50mA, VEN ≥ 2.0V (active)
850
µA
I
L = 80mA, VEN ≥ 2.0V (active)
1800
3000
µA
I
GNDDO
Ground Pin Current at Dropout
V
IN = VOUT(nominal) – 0.5V, Note 8
200
300
µA
I
LIMIT
Current Limit
V
OUT = 0V
180
250
mA
∆V
O/∆PD
Thermal Regulation
Note 9
0.05
%/W
Enable Input
V
IL
Enable Input Voltage Level
logic Low (off)
0.6
V
V
IH
logic high (on)
2.0
V
I
IL
Enable Input Current
V
IL ≤ 0.6V
0.01
1
µA
I
IH
V
IH ≥ 2.0V
15
50
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4:
The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max), the junction-to-ambient thermal
resistance,
θ
JA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P
D(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator
will go into thermal shutdown.
θ
JA of the SC-70-5 is 450°C/W, mounted on a PC board.
Note 5:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
Note 7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.
Note 8:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.
Note 9:
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for an 80mA load pulse at V
IN = 16V for t = 10ms.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com