Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5213 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5213
Description  Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5213 Datasheet HTML 1Page - Micrel Semiconductor MIC5213 Datasheet HTML 2Page - Micrel Semiconductor MIC5213 Datasheet HTML 3Page - Micrel Semiconductor MIC5213 Datasheet HTML 4Page - Micrel Semiconductor MIC5213 Datasheet HTML 5Page - Micrel Semiconductor MIC5213 Datasheet HTML 6Page - Micrel Semiconductor MIC5213 Datasheet HTML 7Page - Micrel Semiconductor MIC5213 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
June 2000
7
MIC5213
MIC5213
Micrel
Applications Information
Input Capacitor
A 0.1
µF capacitor should be placed from IN to GND if there
is more than 10 inches of wire between the input and the ac
filter capacitor or when a battery is used as the input.
Output Capacitor
Typical PNP based regulators require an output capacitor to
prevent oscillation. The MIC5213 is ultrastable, requiring only
0.47
µF of output capacitance for stability. The regulator is
stable with all types of capacitors, including the tiny, low-ESR
ceramic chip capacitors. The output capacitor value can be
increased without limit to improve transient response.
No-Load Stability
The MIC5213 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS
RAM keep-alive applications.
Enable Input
The MIC5213 features nearly zero off-mode current. When
EN (enable input) is held below 0.6V, all internal circuitry is
powered off. Pulling EN high (over 2.0V) re-enables the
device and allows operation. When EN is held low, the
regulator typically draws only 10nA of current. While the logic
threshold is TTL/CMOS compatible, EN may be pulled as
high as 20V, independent of V
IN.
Thermal Behavior
The MIC5213 is designed to provide 80mA of continuous
current in a very small profile packages. Maximum power
dissipation can be calculated based on the output current and
the voltage drop across the part. To determine the maximum
power dissipation of the package, use the junction-to-ambi-
ent thermal resistance of the device and the following basic
equation:
P
TT
D(max)
J(max)
A
JA
=
−
θ
T
J(max) is the maximum junction temperature of the die,
125
°C, and T
A is the maximum ambient temperature. θJA is
the junction-to-ambient thermal resistance ambient of the
regulator. The
θ
JA of the MIC5213 is 450°C/W.
The actual power dissipation of the regulator circuit can be
determined using one simple equation.
P
D = (VIN – VOUT) IOUT + VIN × IGND
Substituting P
D(max), determined above, for PD and solving
for the operating conditions that are critical to the application
will give the maximum operating conditions for the regulator
circuit. For example, if we are operating the MIC5213-3.0BC5
at room temperature, with a minimum footprint layout, we can
determine the maximum input voltage for a set output current.
P
125
25
450 C / W
D(max) =
−
°
P
222mW
D(max) =
To prevent the device from entering thermal shutdown,
maximum power dissipation cannot be exceeded. Using the
output voltage of 3.0V, and an output current of 80mA, we can
determine the maximum input voltage. Ground current, maxi-
mum of 3mA for 80mA of output current, can be taken from
the “Electrical Characteristics” section of the data sheet.
222mW = (V
IN – 3.0V) 80mA + VIN × 3mA
222mW = (80mA
× V
IN + 3mA × VIN) – 240mW
462mW = 83mA
× V
IN
V
IN = 5.57V max.
Therefore, a 3.0V application at 80mA of output current can
accept a maximum input voltage of 5.6V in an SC-70-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to Regulator Thermals
section of Micrel’s
Designing with Low-Dropout Voltage Regu-
lators handbook.
Fixed Voltage Regulator
The MIC5213 is ideal for general-purpose voltage regulation
in any handheld device. Applications that are tight for space
can easily use the Teeny™ SC-70 regulator which occupies
half the space of a SOT-23-5 regulator. The MIC5203 offers
a smaller system solution, only requiring a small multilayer
ceramic capacitor for stability.
MIC5213-x.x
IN
OUT
GND
0.47µF
VOUT
3.0V
3.6V
Li-Ion
Cell
EN
Figure 1. Single-Cell Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com