Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5213 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5213
Description  Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5213 Datasheet HTML 1Page - Micrel Semiconductor MIC5213 Datasheet HTML 2Page - Micrel Semiconductor MIC5213 Datasheet HTML 3Page - Micrel Semiconductor MIC5213 Datasheet HTML 4Page - Micrel Semiconductor MIC5213 Datasheet HTML 5Page - Micrel Semiconductor MIC5213 Datasheet HTML 6Page - Micrel Semiconductor MIC5213 Datasheet HTML 7Page - Micrel Semiconductor MIC5213 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC5213
2
June 2000
MIC5213
Micrel
Absolute Maximum Ratings (Note 1)
Input Supply Voltage (V
IN) ............................ –20V to +20V
Enable Input Voltage (V
EN) ........................... –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Storage Temperature Range (T
S) ............ –60°C to +150°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ........................................... 2.5V to 16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature Range ................... –40
°C to +125°C
Thermal Resistance
JA) ......................................... Note 4
Pin Configuration
EN
IN
OUT
GND
LAx
1
3
45
2
NC
SC-70-5 (C5)
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): TTL/CMOS compatible control input. Logic high = enabled;
logic low or open = shutdown.
2
NC
not internally connected
3
GND
Ground
4
OUT
Regulator Output
5
IN
Supply Input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com